Part Number Hot Search : 
MBD101 1N5397GP SM9501A M51785 MEGA16U 0310505 EVALZ C1024
Product Description
Full Text Search
 

To Download GM6350 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Description
GM6350 is a group of positive voltage output, three - pin regulators, that provide a high current even when the input/ output voltage differential is small. Low power consumption and high accuracy is achieved through CMOS and programmable fuse technologies. Output voltage: 1.5V to 5.0V. GM6350 consists a high-precision voltage reference, an error correction circuit, and a current limited output driver. Transient response to load variations have improved in comparison to the existing series. GM6350 incorporates both over-temperature and overcurrent protection.
Features
Maximum output current: 300mA Highly accurate: Output voltage 2% Low power consumption. Over -Current and Over-Temperature protection Small input/ output differential: 0.3V at 300mA
Application
Battery- Operated Systems Portable Computers Portable Cameras and Video Recorders Reference voltage Sources Instrumentation Pagers
TYPICAL APPLICATION
GM6350 VIN VIN GND VOUT + C1 1F VOUT
www.gammamicro.com
GM6350 V0.1
1
MARKING INFORMATION & PIN CONFIGURATIONS (TOP VIEW)
SOT - 89 GM6350 VVAYWW
1 2 3
VSS
VIN VOUT
VV A Y WW
= Voltage Code = Assembly Location = Year = Weekly
ORDERING INFORMATION
Ordering Number
GM6350-1.5ST89R GM6350-1.8ST89R GM6350-2.5ST89R GM6350-3.0ST89R GM6350-3.3ST89R GM6350-5.0ST89R
Output Voltage
1.5 1.8 2.5 3.0 3.3 5.0
Package
SOT-89 SOT-89 SOT-89 SOT-89 SOT-89 SOT-89
Shipping
1,000 Units/ Tape & Reel 1,000 Units/ Tape & Reel 1,000 Units/ Tape & Reel 1,000 Units/ Tape & Reel 1,000 Units/ Tape & Reel 1,000 Units/ Tape & Reel
* For detail Ordering Number identification, please see last page.
PIN DESCRIPTION
Pin Name
GM6350
Pin Name
VSS VIN VOUT
Function
Unregulated Supply Input. Ground Terminal. Regulated Voltage Output.
SOT-25
1 2 3
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
Input Voltage Output Current Output Voltage Continuos Total Power Dissipation Operating Ambient Temperature Storage Temperature SOT-89
SYMBOL
VIN IOUT VOUT PD TOPR TSTG
RATINGS
6.5 300 VSS -0.3 ~ VIN +0.3 500 -30 ~ +80 -40 ~ +125
UNITS
V mA W mW C C
ELECTRICAL CHARACTERISTICS
(TA = 25C, VIN= VOUT (nominal) + 0.5V, unless otherwise noted)
Test Circuit
Parameter
Output Voltage Accuracy Line Regulation DVOUT/ DVIN VOUT Load Regulation (Note 1) Maximum Output Current Current Limit Ground Pin Current Dropout Voltage for VOUT > 2.5V for 2.0V< VOUT for VOUT 2.5V 2.5V
Test Condition
IO=1mA, IO = 0.1....300mA IO= 1mA, (VOUT + 0.1V) < VIN < 6.5V VIN= 6V, 0.1mA < IO < 300mA, COUT= 1F VIN= 5V, VOUT > 0.96*Vrating IOUT= 0...300mA IO= 100mA IO= 300mA IO= 100mA IO= 300mA IO= 100mA IO= 300mA
Min
-1.4 -3%
Typ
Max
+1.4% +2%
Units
V %/ V %/ mA mA mA
0.1 0.005 300 400 15 100 300 150 450 200 600 500
0.3 0.04
1 2
30 180 550 300 800 400 1100
A
3
mV
Note 1: Load Regulation is measured using pulse techniques with duty cycle <5%
GM6350
3
SOT-89 PACKAGE OUTLINE DIMENSIONS
4.50 0.05 1.650 REF 1.400 REF R 0.13~4X R 0.13~3X
1.50 0.05
Pad Layout
2
NO DRAFT~2
Units: mm
4.20 0.05 2.5 0.05
6 R 0.1 MAX 1.00 0.07 0.46 0.025
45 0.7 1.5 1.5 1
1.50
1.50
0.38 0.01
3.00 0.025 6~2X R 0.13~2X
R 0.13~2X 6~2X
Unit: mm
ORDERING NUMBER
GM 6350 1.5 ST25 R
Gamma Micro.
Shipping R: Tape & Reel
Circuit Type Package ST89: SOT-89
GM6350
Output Voltage 1.5: 1.5V, 1.8: 1.8V 2.5: 2.5V, 3.0: 3.0V 3.3: 3.3V, 5.0: 5.0V
4
3
5
GM6350


▲Up To Search▲   

 
Price & Availability of GM6350

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X